|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FPAL15SH60 FPAL15SH60 Smart Power Module (SPM) General Description FPAL15SH60 is an advanced smart power module (SPM) that Fairchild has newly developed and designed to provide very compact and low cost, yet high performance ac motor drives mainly targeting high speed low-power inverterdriven application like washing machines. It combines optimized circuit protection and drive matched to low-loss IGBTs. Highly effective short-circuit current detection/ protection is realized through the use of advanced current sensing IGBT chips that allow continuous monitoring of the IGBTs current. System reliability is further enhanced by the built-in over-temperature and integrated under-voltage lock-out protection. The high speed built-in HVIC provides opto-coupler-less IGBT gate driving capability that further reduce the overall size of the inverter system design. In addition the incorporated HVIC facilitates the use of singlesupply drive topology enabling the FPAL15SH60 to be driven by only one drive supply voltage without negative bias. Features * UL Certified No. E209204 * 600V-15A 3-phase IGBT inverter bridge including control ICs for gate driving and protection * Single-grounded power supply due to built-in HVIC * Typical switching frequency of 15kHz * Built-in thermistor for over-temperature monitoring * Inverter power rating of 0.75kW / 100~253 Vac * Isolation rating of 2500Vrms/min. * Very low leakage current due to using ceramic substrate * Adjustable current protection level by varying series resistor value with sense-IGBTs Applications * AC 100V ~ 253V three-phase inverter drive for small power (0.75kW) ac motor drives * Home appliances applications requiring high switching frequency operation like washing machines drive system * Application ratings: - Power : 0.75 kW / 100~253 Vac - Switching frequency : Typical 15kHz (PWM Control) - 100% load current : 5.0A (Irms) - 150% load current : 7.5A (Irms) for 1 minute External View and Marking Information Top View Bottom View 57 mm 55 mm Marking Device Name Version, Lot Code Fig. 1. (c)2002 Fairchild Semiconductor Corporation Rev. C3, February 2002 FPAL15SH60 Integrated Power Functions * 600V-15A IGBT inverter for three-phase DC/AC power conversion (Please refer to Fig. 3) Integrated Drive, Protection and System Control Functions * For inverter high-side IGBTs: Gate drive circuit, High voltage isolated high-speed level shifting Control circuit under-voltage (UV) protection Note) Available bootstrap circuit example is given in Figs. 11, 16 and 17. * For inverter low-side IGBTs: Gate drive circuit, Short circuit protection (SC) Control supply circuit under-voltage (UV) protection * Temperature Monitoring: System over-temperature monitoring using built-in thermistor Note) Available temperature monitoring circuit is given in Fig. 17. * Fault signaling: Corresponding to a SC fault (Low-side IGBTs) or a UV fault (Low-side supply) * Input interface: 5V CMOS/LSTTL compatible, Schmitt trigger input Pin Configuration Top View VS(U) VB(U) VCC(L) COM(L) IN(UL) IN(VL) IN(WL) VFO CFOD CSC RSC NC VTH RTH VCC(UH) IN(UH) VS(V) VB(V) VCC(VH) IN(VH) COM(H) VS(W) VB(W) VCC(WH) IN(WH) W V U N P Fig. 2. Pin Descriptions Pin Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Pin Name VCC(L) COM(L) IN(UL) IN(VL) IN(WL) VFO CFOD CSC RSC NC VTH RTH W V U Pin Description Low-side Common Bias Voltage for IC and IGBTs Driving Low-side Common Supply Ground Signal Input Terminal for Low-side U Phase Signal Input Terminal for Low-side V Phase Signal Input Terminal for Low-side W Phase Fault Output Terminal Capacitor for Fault Output Duration Time Selection Capacitor (Low-pass Filter) for Short-current Detection Input Resistor for Short-circuit Current Detection NO Connection Thermistor Bias Voltage Series Resistor for the Use of Thermistor (Temperature Detection) Output Terminal for W Phase Output Terminal for V Phase Output Terminal for U Phase (c)2002 Fairchild Semiconductor Corporation Rev. C3, February 2002 FPAL15SH60 Pin Descriptions (Continued) Pin Number 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 Pin Name N P IN(WH) VCC(WH) VB(W) VS(W) COM(H) IN(VH) VCC(VH) VB(V) VS(V) IN(UH) VCC(UH) VB(U) VS(U) Pin Description Negative DC-Link Input Positive DC-Link Input Signal Input Terminal for High-side W Phase High-side Bias Voltage for W Phase IC High-side Bias Voltage for W Phase IGBT Driving High-side Bias Voltage Ground for W Phase IGBT Driving High-side Common Supply Ground Signal Input Terminal for High-side V Phase High-side Bias Voltage for V Phase IC High-side Bias Voltage for V Phase IGBT Driving High-side Bias Voltage Ground for V Phase IGBT Driving Signal Input Terminal for High-side U Phase High-side Bias Voltage for U Phase IC High-side Bias Voltage for U Phase IGBT Driving High-side Bias Voltage Ground for U Phase IGBT Driving Internal Equivalent Circuit and Input/Output Pins (29) VB(U) VB (1) VCC(L) (2) COM(L) (3) IN(UL) (4) IN(VL) (5) IN(WL) (6) VFO VCC COM(L) IN(UL) IN(VL) IN(WL) V(FO) Wout (7) CFOD (8) CSC (9) RSC (10) NC (11) VTH (12) RTH THERMISTOR C(FOD) C(SC) VB HO Vcc IN Vout Uout HO Vcc IN (28) VCC(UH) (27) IN(UH) VS COM (30) VS(U) (25) VB(V) VB HO Vcc IN (24) VCC(VH) (23) IN(VH) (22) COM(H) (26) VS(V) (20) VB(W) (19) VCC(WH) (18) IN(WH) VS COM VS COM (21) VS(W) W (13) V (14) U (15) N (16) P (17) Note 1. Inverter low-side ( (1) - (12) pins) is composed of three sense-IGBTs including freewheeling diodes for each IGBT and one control IC which has gate driving, current sensing and protection functions. 2. Inverter power side ( (13) - (17) pins) is composed of two inverter dc-link input terminals and three inverter output terminals. 3. Inverter high-side ( (18) - (30) pins) is composed of three normal-IGBTs including freewheeling diodes and three drive ICs for each IGBT. Fig. 3. (c)2002 Fairchild Semiconductor Corporation Rev. C3, February 2002 FPAL15SH60 Absolute Maximum Ratings Inverter Part (TC = 25C, Item Supply Voltage Supply Voltage (Surge) Collector-emitter Voltage Each IGBT Collector Current Each IGBT Collector Current (Peak) Collector Dissipation Operating Junction Temperature Unless Otherwise Specified) Symbol VDC VPN(Surge) VCES IC ICP PC TJ TC = 25C (Note Fig. 4) TC = 25C (Note Fig. 4) TC = 25C per One Chip (Note 1) Condition Applied to DC - Link Applied between P- N Rating 450 500 600 15 30 47 -55 ~ 150 Unit V V V A A W C Note 1. It would be recommended that the average junction temperature should be limited to TJ 125C (@TC 100C) in order to guarantee safe operation. Control Part (TC = 25C, Item Control Supply Voltage Unless Otherwise Specified) Symbol Condition Applied between VCC(H) - COM(H), VCC(L) - COM(L) VCC VBS VIN VFO IFO VSC Applied between VB(U) - VS(U), VB(V) - VS(V), VB(W) VS(W) Applied between IN(UH), IN(VH), IN(WH) - COM(H) IN(UL), IN(VL), IN(WL) - COM(L) Applied between VFO - COM(L) Sink Current at VFO Pin Applied between CSC - COM(L) Rating 18 20 -0.3 ~ 6.0 -0.3~VCC+0.5 5 -0.3~VCC+0.5 Unit V V V V mA V High-side Control Bias Voltage Input Signal Voltage Fault Output Supply Voltage Fault Output Current Current Sensing Input Voltage Total System Item Self Protection Supply Voltage Limit (Short Circuit Protection Capability) Module Case Operation Temperature Storage Temperature Isolation Voltage Symbol Condition VPN(PROT) Applied to DC - Link, VCC = VBS = 13.5 ~ 16.5V TJ = 125C, Non-repetitive, less than 6s TC TSTG VISO 60Hz, Sinusoidal, AC 1 minute, Connection Pins to Heat-sink Plate Note Fig. 4 Rating 400 Unit V -20 ~ 100 -55 ~ 150 2500 C C Vrms (c)2002 Fairchild Semiconductor Corporation Rev. C3, February 2002 FPAL15SH60 Case Temperature (TC) Detecting Point VS(U) VB(U) VCC(L) COM IN(UL) IN(VL) IN(WL) VFO CFOD CSC RSC NC VTH RTH VCC(UH) IN(UH) VS(V) VB(V) VCC(VH) IN(VH) COM VS(W) VB(W) VCC(WH) IN(WH) Ceramic Substate W V U N P Fig. 4. Tc Measurement Point (c)2002 Fairchild Semiconductor Corporation Rev. C3, February 2002 FPAL15SH60 Absolute Maximum Ratings Thermal Resistance Item Junction to Case Thermal Resistance Symbol Condition Rth(j-c)Q Each IGBT under Inverter Operating Condition (Note 2) Rth(j-c)F Contact Thermal Resistance Rth(c-f) Each FWDi under Inverter Operating Condition (Note 2) Ceramic Substrate (per 1 Module) Thermal Grease Applied Min. Typ. Max. 2.61 3.73 0.06 Unit C/W C/W C/W Note 2. For the measurement point of case temperature (Tc), please refer to Fig. 4. Electrical Characteristics Inverter Part (Tj = 25C, Unless Otherwise Specified) Item Collector - emitter Saturation Voltage FWDi Forward Voltage Switching Times Symbol VCE(SAT) VCC = VBS = 15V VIN = 0V VFM tON tC(ON) tOFF tC(OFF) trr Collector - emitter Leakage Current ICES VIN = 5V Condition IC = 15A, Tj = 25C IC = 15A, Tj = 125C IC = 15A, Tj = 25C IC = 15A, Tj = 125C VPN = 300V, VCC = VBS = 15V IC = 15A, Tj = 25C VIN = 5V 0V, Inductive Load (High-Low Side) (Note 3) VCE = VCES, Tj = 25C Min. Typ. 0.39 0.12 0.53 0.16 0.1 Max. 2.8 2.9 2.5 2.3 250 Unit V V V V us us us us us uA Note 3. tON and tOFF include the propagation delay time of the internal drive IC. tC(ON) and tC(OFF) are the switching time of IGBT itself under the given gate driving condition internally. For the detailed information, please see Fig. 5. (c)2002 Fairchild Semiconductor Corporation Rev. C3, February 2002 FPAL15SH60 t rr VCE 100% IC IC IC VCE V IN t ON VIN(ON) V IN t C(ON) 90% IC 10% IC 10% VCE t OFF V IN(OFF) tC(OFF) 10% VCE 10% IC (a) Turn-on (b) Turn-off Fig. 5. Switching Time Definition VCE : 100V/div. IC : 5A/div. IC : 5A/div. VCE : 100V/div. time : 100ns/div. time : 100ns/div. (a) Turn-on (b) Turn-off Fig. 6. Experimental Results of Switching Waveforms Test Condition: Vdc=300V, Vcc=15V, L=500uH (Inductive Load), TC=25C (c)2002 Fairchild Semiconductor Corporation Rev. C3, February 2002 FPAL15SH60 Electrical Characteristics Control Part (Tj = 25C, Unless Otherwise Specified) Item Control Supply Voltage High-side Bias Voltage Quiescent VCC Supply Current Symbol Condition Applied between VCC(H),VCC(L) - COM VCC VBS IQCCL IQCCH Quiescent VBS Supply Current Fault Output Voltage PWM Input Frequency Allowable Input Signal Blanking Time considering Leg Arm-short Short Circuit Trip Level Sensing Voltage of IGBT Current Supply Circuit UnderVoltage Protection IQBS VFOH VFOL fPWM tdead Applied between VB(U) - VS(U), VB(V) - VS(V), VB(W) - VS(W) VCC = 15V IN(UL, VL, WL) = 5V VCC = 15V IN(UH, VH, WH) = 5V VBS = 15V IN(UH, VH, WH) = 5V VCC(L) - COM(L) VCC(U), VCC(V), VCC(W) - COM(H) VB(U) - VS(U), VB(V) -VS(V), VB(W) - VS(W) Min. 13.5 13.5 4.5 3 Typ. Max. Unit 15 16.5 V 15 15 16.5 26 130 420 1.1 V mA uA uA V V kHz us VSC = 0V, VFO Circuit: 4.7k to 5V Pull-up VSC = 1V, VFO Circuit: 4.7k to 5V Pull-up TC 100C, TJ 125C -20C TC 100C VSC(ref) VSEN UVCCD UVCCR UVBSD UVBSR TJ = 25, VCC = 15V (Note 4) -20C TC 100C, @ RSC = 82 and IC = 15A (Note Fig. 8) TJ 125C Detection Level Reset Level Detection Level Reset Level VCC = 15V, C(sc) = 1V CFOD = 33nF (Note 5) High-Side Low-Side Applied between IN(UH), IN(VH), IN(WH) - COM(H) Applied between IN(UL), IN(VL), IN(WL) - COM(L) 0.45 0.37 11.5 12 7.3 8.6 1.4 3.0 3.0 - 0.51 0.56 0.45 0.56 12 12.5 9.0 10.3 1.8 50 6.3 12.5 13 10.8 12 2.0 0.8 0.8 - V V V V V V ms V V V V k k Fault-out Pulse Width ON Threshold Voltage OFF Threshold Voltage ON Threshold Voltage OFF Threshold Voltage Resistance of Thermistor tFOD VIN(ON) VIN(OFF) VIN(ON) VIN(OFF) RTH @ TC = 25C (Note Figs. 4 and 7) @ TC = 80C (Note Figs. 4 and 7) Note 4. Short-circuit current protection is functioning only at the low-sides. It would be recommended that the value of the external sensing resistor (RSC) should be selected around 56 in order to make the SC trip-level of about 20A. Please refer to Fig. 8 which shows the current sensing characteristics according to sensing resistor RSC. 5. The fault-out pulse width tFOD depends on the capacitance value of CFOD according to the following approximate equation : CFOD = 18.3 x 10-6 x tFOD[F] (c)2002 Fairchild Semiconductor Corporation Rev. C3, February 2002 FPAL15SH60 R-T Curve 70 60 50 Resistance [k] 40 30 20 10 0 20 30 40 50 60 70 80 90 100 110 120 130 Temperature [] Fig. 7. R-T Curve of The Built-in Thermistor 90 80 SC Trip Current ISC [A] 70 60 50 40 30 20 10 10 20 30 40 50 60 70 80 90 Sensing Resistor RSC [] Fig. 8. Relationship between Sensing Resistor and SC Trip Current for Short-Circuit Protection (ISC = 82 x Rating Current(15A) / RSC) (c)2002 Fairchild Semiconductor Corporation Rev. C3, February 2002 FPAL15SH60 Mechanical Characteristics and Ratings Item Mounting Torque Ceramic Flatness Weight Mounting Screw: M3 (Note 6 and 7) Condition Recommended 10Kg*cm Recommended 0.98N*m (Note Fig. 9) Limits Min. 8 0.78 0 Typ. 10 0.98 56 Max. 12 1.17 +100 Units Kg*cm N*m um g Fig. 9. Flatness Measurement Position of The Ceramic Substrate Note 6. Do not make over torque or mounting screws. Much mounting torque may cause ceramic cracks and bolts and Al heat-fin destruction. 7. Avoid one side tightening stress. Fig.10 shows the recommended torque order for mounting screws. Uneven mounting can cause the SPM ceramic substrate to be damaged. 4 1 3 2 Fig. 10. Mounting Screws Torque Order (1 2 3 4) (c)2002 Fairchild Semiconductor Corporation Rev. C3, February 2002 FPAL15SH60 Recommended Operating Conditions Item Supply Voltage Control Supply Voltage High-side Bias Voltage Blanking Time for Preventing Arm-short PWM Input Signal Input ON Threshold Voltage Input OFF Threshold Voltage Symbol VPN VCC VBS tdead fPWM VIN(ON) VIN(OFF) Condition Applied between P - N Applied between VCC(H) - COM, VCC(L) - COM Applied between VB(U) - VS(U), VB(V) - VS(V), VB(W) - VS(W) For Each Input Signal TC 100C, TJ 125C Applied between UIN,VIN, WIN - COM Applied between UIN,VIN, WIN - COM Value Min. 13.5 13.5 3 Typ. 300 15 15 15 0 ~ 0.65 4 ~ 5.5 Max. 400 16.5 16.5 Unit V V V us kHz V V ICs Internal Structure and Input/Output Conditions RBS 15V Line VCC(UH,VH,WH) DBS CBS CBSC VB(UH,VH,WH) P UV DETECT LEVEL SHIFT PULSE FILTER 5V Line RP CBP15 IN(UH,VH,WH) PULSE GENERATOR R R SQ CPH COM VS (UH,VH,WH) HVIC VCC(L) LVIC UV DETECT BANDGAP REFERENCE TIME DELAY UV LATCH_UP U,V,W 5V Line RP RPF IN(UL,VL,WL) UV PROTECTION PULSE GENERATOR (HYSTERISIS) BUFFER SC PROTECTION SOFT_OFF CONTROL OUTPUT (UL,VL,WL) VFO CPL CPF CFOD FAULT OUTPUT DURATION SC LATCH_UP TIME DELAY SC DETECTION CFOD N CSC RF RSC Note 1. One LVIC drives three Sense-IGBTs and can do short-circuit current protection also. Three sense emitters are commonly connected to RSC terminal to detect short-circuit current. Low-side part of the inverter consists of three sense-IGBTs 2. One HVIC drives one normal-IGBT. High-side part of the inverter consists of three normal-IGBTs 3. Each IC has under voltage detection and protection function. 4. The logic input is compatible with standard CMOS or LSTTL outputs. 5. RPCP coupling at each input/output is recommended in order to prevent the gating input/output signals oscillation and it should be as close as possible to each SPM gating input pin. 6. It would be recommended that the bootstrap diode, DBS, has soft and fast recovery characteristics. Fig. 11. (c)2002 Fairchild Semiconductor Corporation Rev. C3, February 2002 FPAL15SH60 Time Charts of SPMs Protective Function Input Signal Internal IGBT Gate-Emitter Voltage Control Supply Voltage P3 P5 UV detect P1 P2 UV reset P6 Output Current Fault Output Signal P4 P1 : Normal operation - IGBT ON and conducting current P2 : Under voltage detection P3 : IGBT gate interrupt P4 : Fault signal generation P5 : Under voltage reset P6 : Normal operation - IGBT ON and conducting current Fig. 12. Under-Voltage Protection (Low-side) Input Signal Internal IGBT Gate-Emitter Voltage Control Supply Voltage VBS P3 P5 UV detect P1 P2 UV reset P6 Output Current Fault Output Signal P4 P1 : Normal operation - IGBT ON and conducting current P2 : Under voltage detection P3 : IGBT gate interrupt P4 : No fault signal P5 : Under voltage reset P6 : Normal operation - IGBT ON and conducting current Fig. 13. Under-Voltage Protection (High-side) (c)2002 Fairchild Semiconductor Corporation Rev. C3, February 2002 FPAL15SH60 P5 Input Signal Internal IGBT Gate-Emitter Voltage SC Detection P6 P1 P4 Output Current P2 SC Reference Voltage (0.5V) RC Filter Delay P7 Sensing Voltage Fault Output Signal P3 P8 P1 : Normal operation - IGBT ON and conducting currents P2 : Short-circuit current detection P3 : IGBT gate interrupt / Fault signal generation P4 : IGBT is slowly turned off P5 : IGBT OFF signal P6 : IGBT ON signal - but IGBT cannot be turned on during the fault-output activation P7 : IGBT OFF state P8 : Fault-output reset and normal operation start Fig. 14. Short-circuit Current Protection (Low-side Operation only) 5V-Line FPAL15SH60 4.7k 100 100 100 4.7k 4.7k IN (UH) , IN (VH) , IN(WH) IN (UL) , IN (VL) , IN (WL) VFO CPU 1nF 1nF 0.47nF 1.2nF COM Note It would be recommended that by-pass capacitors for the gating input signals, IN(XX) should be placed on the SPM pins and on the both sides of CPU and SPM for the fault output signal, VFO, as close as possible. Fig. 15. Recommended CPU I/O Interface Circuit (c)2002 Fairchild Semiconductor Corporation Rev. C3, February 2002 FPAL15SH60 15V-Line One-leg Diagram of FPAL15SH60 P 20 Vcc VB HO 0.1uF 220uF IN COM VS Vcc Inverter Output OUT 1000uF 0.1uF IN COM N Fig. 16. Recommended Bootstrap Operation Circuit and Parameters (c)2002 Fairchild Semiconductor Corporation Rev. C3, February 2002 FPAL15SH60 Gating UL Gating VL Gating WL Fault CBPF CPU Gating UH Gating VH Gating WH RS R S RS RS RS RS RS V B(U) (29) 5V line (1) V CC(L) (2) COM(L) (3) IN (UL) (4) IN(VL) (5) IN(WL) IN (WL) (6) VFO V(FO) CPF CPL CPL CPL CFOD CSC RF 5V line RSC (7) CFOD (8) CSC (9) RSC (10) NC (11) VTH CSP05 CSPC05 RTH (12) RTH (13) W (14) V (15) U (16) N (17) P THERMISTOR Wout C(FOD) C(SC) VB HO Vcc IN VCC COM(L) IN(UL) IN (VL) Vout Uout VB(V) (25) VB HO Vcc IN V CC(VH) (24) IN(VH) (23) COM(H) (22) VS(V) (26) VB(W) (20) VCC(WH) (19) IN(WH) (18) VB HO Vcc IN VCC(UH) (28) IN(UH) (27) DBS RBS 5V line RP CBSC CBS DBS RBS RP RP VS COM V S(U) (30) RP RP RP RP CPH CPH CPH VS COM CBSC CBS DBS RBS 15V line V S(W) (21) CBSC CBS CSPC15 CSP15 VS COM Tem p. Monitoring CDCS M Vdc + Note 1. RPCPL/RPCPH coupling at each SPM input is recommended in order to prevent input signals' oscillation and it should be as close as possible to each SPM input pin. 2. By virtue of integrating an application specific type HVIC inside the SPM, direct coupling to CPU terminals without any opto-coupler or transformer isolation is possible. 3. VFO output is open collector type. This signal line should be pulled up to the positive side of the 5V power supply with approximately 4.7k resistance. Please refer to Fig. 15. 4. CSP15 of around 7 times larger than bootstrap capacitor CBS is recommended. 5. VFO output pulse width should be determined by connecting an external capacitor(CFOD) between CFOD(pin7) and COM(L)(pin2). (Example : if CFOD = 5.6 nF, then tFO = 300 s (typ.)) Please refer to the note 5 for calculation method. 6. Each input signal line should be pulled up to the 5V power supply with approximately 4.7k resistance (other RC coupling circuits at each input may be needed depending on the PWM control scheme used and on the wiring impedance of the system's printed circuit board). Approximately a 0.22~2nF by-pass capacitor should be used across each power supply connection terminals. 7. To prevent errors of the protection function, the wiring around RSC, RF and CSC should be as short as possible. 8. In the short-circuit protection circuit, please select the RFCSC time constant in the range 3~4 s. RF should be at least 30 times larger than RSC. (Recommended Example: RSC = 56 , RF = 3.9k and CSC = 1nF) 9. Each capacitor should be mounted as close to the pins of the SPM as possible. 10.To prevent surge destruction, the wiring between the smoothing capacitor and the P&N pins should be as short as possible. The use of a high frequency noninductive capacitor of around 0.1~0.22 uF between the P&N pins is recommended. 11.Relays are used at almost every systems of electrical equipments of home appliances. In these cases, there should be sufficient distance between the CPU and the relays. It is recommended that the distance be 5cm at least Fig. 17. Application Circuit (c)2002 Fairchild Semiconductor Corporation Rev. C3, February 2002 FPAL15SH60 Detailed Package Outline Drawings (c)2002 Fairchild Semiconductor Corporation Rev. C3, February 2002 TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SLIENT SWITCHER(R) SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TruTranslationTM TinyLogicTM UHCTM UltraFET(R) VCXTM STAR*POWER is used under license DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems 2. A critical component is any component of a life support which, (a) are intended for surgical implant into the body, device or system whose failure to perform can be or (b) support or sustain life, or (c) whose failure to perform reasonably expected to cause the failure of the life support when properly used in accordance with instructions for use device or system, or to affect its safety or effectiveness. provided in the labeling, can be reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Preliminary No Identification Needed Full Production Obsolete Not In Production (c)2002 Fairchild Semiconductor Corporation Rev. H4 |
Price & Availability of FPAL15SH60 |